PART |
Description |
Maker |
LT1424-5 LT1424CN8-5 LT1424CS8-5 LT1424IN8-5 LT142 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 1.9 A SWITCHING REGULATOR, 320 kHz SWITCHING FREQ-MAX, PDIP8 From old datasheet system Isolated Flyback Switching Regulator with 5V Output
|
Linear Technology, Corp.
|
MC33363 MC33363DW |
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR Isolated Flyback Switching Regulator with 9V Output 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDSO13
|
Motorola ON Semiconductor
|
LTC1149CN-3.3PBF |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDIP16
|
Linear Technology, Corp.
|
LTC1435ACSTRPBF |
High Efficiency Low Noise Synchronous Step-Down Switching Regulator 2 A SWITCHING CONTROLLER, 138 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
LT1425ISPBF LT1425ISTRPBF |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 1.9 A SWITCHING REGULATOR, 320 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
LT1767 LT1767-1.8 LT1767-2.5 LT1767-3.3 LT1767-5 L |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 SWITCH ROLLER LEVER Monolithic 1.5A/ 1.25MHz Step-Down Switching Regulators Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LTC1539IGWTRPBF LTC1538-AUX-15 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
LT10701 LT1071HVCTPBF LINEARTECHNOLOGYCORP-LT1070I |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 2.5 A SWITCHING REGULATOR, 40 kHz SWITCHING FREQ-MAX, PZFM5 5A and 2.5A High Efficiency Switching Regulators
|
Linear Technology, Corp.
|
ADP1148 ADP1148AN-33 ADP1148AN-5 ADP1148AR-33 ADP1 |
CPF-1 METAL FILM RESISTORS, AXIAL LEADS RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDIP14
|
Analog Devices, Inc.
|
BD9702T BD9701FP09 BD9703T-V5 BD9701T-V5 BD9701CP- |
3 A SWITCHING REGULATOR, 300 kHz SWITCHING FREQ-MAX, SFM5 Simple Step-down Switching Regulators with Built-in Power MOSFET 3 A SWITCHING REGULATOR, 110 kHz SWITCHING FREQ-MAX, SFM5 1.5 A SWITCHING REGULATOR, 110 kHz SWITCHING FREQ-MAX, SFM5
|
Rohm
|
LM2574N-ADJG LM2574DW-ADJR2G |
0.5 A, Adjustable Output Voltage, Step−Down Switching Regulator 1.8 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO16
|
Rectron Semiconductor
|
LT3692EUHPBF LT3692EUHTRPBF |
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator 5.8 A DUAL SWITCHING CONTROLLER, 2750 kHz SWITCHING FREQ-MAX, PQCC32
|
LINEAR TECHNOLOGY CORP
|